データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25VQ64CSIG データシート(PDF) 62 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25VQ64CSIG
部品情報  2.5V Uniform Sector Dual and Quad Serial Flash
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VQ64CSIG データシート(HTML) 62 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VQ64CSIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ64CSIG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 62 / 63 page
background image
2.5V Uniform Sector
Dual and Quad Serial Flash
GD25VQ64C
62
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial released
All
2017-8-8
1.1
Modify VWI from 1.9-2.1V to 1.5-2.3V
P47
2017-8-31
1.2
Figure 36. Program Security Registers command Sequence Diagram
Modify tVSL from 5ms to 1.8ms
Modify VWI max value from 2.3V to 2.2V
Modify tSE max value from 200/300ms to 300ms
Modify tBE1 max value from 0.8/1.6s to 1.6s
Modify tBE2 max value from 1.2/2.0s to 2.0s
Update Ordering Information
Update the description of all packages
P40
P47
P47
P51
P51
P51
P53-54
P55-61
2018-12-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com