データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT6654BX データシート(PDF) 4 Page - Analog Devices

部品番号 LT6654BX
部品情報  Wide Supply 2.5V Precision Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

LT6654BX データシート(HTML) 4 Page - Analog Devices

  LT6654BX Datasheet HTML 1Page - Analog Devices LT6654BX Datasheet HTML 2Page - Analog Devices LT6654BX Datasheet HTML 3Page - Analog Devices LT6654BX Datasheet HTML 4Page - Analog Devices LT6654BX Datasheet HTML 5Page - Analog Devices LT6654BX Datasheet HTML 6Page - Analog Devices LT6654BX Datasheet HTML 7Page - Analog Devices LT6654BX Datasheet HTML 8Page - Analog Devices LT6654BX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LT6654BX
4
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
2.5V Output Voltage
Temperature Drift
2.5V Output Voltage Extended
Temperature Drift
2.5V Temperature Drift
Distribution
The test conditions are TA = 25°C, CIN = 0.1μF,
COUT= 1μF, IOUT=0A and VIN = VOUT + 0.5V, unless otherwise noted.
2.5V Temperature Drift
Distribution
2.5V VOUT Distribution
2.5V VOUT Distribution
2.5V Supply Current vs
Supply Voltage
2.5V Line Regulation vs
Supply Voltage
THREE TYPICAL PARTS
TEMPERATURE (°C)
–45 –25 –5 15 35 55 75 95 115 135 155 175
2.496
2.498
2.500
2.502
2.504
2.506
2.508
2.510
6654BX G01
THREE TYPICAL PARTS
TEMPERATURE (°C)
–60 –30 0
30 60 90 120 150 180 210
2.490
2.500
2.510
2.520
2.530
2.540
2.550
2.560
2.570
2.580
6654BX G02
–40°C TO 125°C
DRIFT (ppm/°C)
–10 –8 –6 –4 –2 0
2
4
6
8 10
0
2
4
6
8
10
12
14
16
18
6654BX G03
–40°C TO 175°C
DRIFT (ppm/°C)
10 12 14 16 18 20 22 24 26 28 30
0
1
2
3
4
5
6
7
8
9
10
6654BX G04
TA = 125°C
VOUT ACCURACY (%)
–0.12 –0.08 –0.04 0.00
0.04
0.08
0.12
0
2
4
6
8
10
12
14
16
18
6654BX G05
TA = 175°C
VOUT ACCURACY (%)
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
2
4
6
8
10
12
14
16
18
6654BX G06
VIN = 3V
0
6
12
18
24
30
36
0
100
200
300
400
500
600
6654BX G07
125°C
25°C
–40°C
175°C
SUPPLY VOLTAGE (V)
OUTPUT VOLTAGE
LINE REGULATION
SUPPLY VOLTAGE (V)
4
8
12
16
20
24
28
32
36
–4
0
4
8
12
16
20
2.5075
2.5080
2.5085
2.5090
2.5095
2.5100
2.5105
6654BX G08
TA = 175°C, VIN = 3V
MS8 PACKAGE PART
SELF HEATING IS INCLUDED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com