データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT6654BX データシート(PDF) 6 Page - Analog Devices

部品番号 LT6654BX
部品情報  Wide Supply 2.5V Precision Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

LT6654BX データシート(HTML) 6 Page - Analog Devices

Back Button LT6654BX Datasheet HTML 2Page - Analog Devices LT6654BX Datasheet HTML 3Page - Analog Devices LT6654BX Datasheet HTML 4Page - Analog Devices LT6654BX Datasheet HTML 5Page - Analog Devices LT6654BX Datasheet HTML 6Page - Analog Devices LT6654BX Datasheet HTML 7Page - Analog Devices LT6654BX Datasheet HTML 8Page - Analog Devices LT6654BX Datasheet HTML 9Page - Analog Devices LT6654BX Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LT6654BX
6
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
DNC (Pins 1,7): Do Not Connect. Keep leakage current
from this pin to VIN or GND to a minimum. To minimize
leakage due to board contamination, encircle the pin with
a metal ring connected to VOUT.
NC (Pin 2, 5): Not internally connected. May be tied to
VIN, VOUT, GND or floated.
GND (Pin 3): Internal Function. This pin must be tied to
GND near Pin 4.
GND (Pin 4): Primary Device Ground. Pin 3 and the load
ground should be star-connected to Pin 4.
VOUT (Pin 6): VOUT Pin. An output capacitor of 1μF or
greater is required for stable operation.
VIN (Pin 8): Power Supply. Bypass VIN with a 0.1μF or
larger capacitor to GND.
BLOCK DIAGRAM
+
VOUT
5
6
8
6654BX BD
BANDGAP
VIN
7
1
DNC
DNC
GND
NC
NC
GND
3
4
2
TYPICAL PERFORMANCE CHARACTERISTICS The test conditions are T
A = 25°C, CIN = 0.1μF,
COUT= 1μF, IOUT=0A and VIN = VOUT + 0.5V, unless otherwise noted.
2.5V Output Voltage Noise
Spectrum
2.5V Power Supply Rejection
Ratio vs Frequency
2.5V Output Impedance vs
Frequency
FREQUENCY (kHz)
0.01
0.1
1
10
0
50
100
150
250
300
350
200
400
6654 G18
100
IO = 5mA
IO = 0µA
FREQUENCY (kHz)
0.1
1
10
100
–100
–90
–80
–70
–50
–40
–30
–60
–20
6654 G20
1000
CL = 1µF
CL = 10µF
FREQUENCY (kHz)
1
10
100
0.1
1
10
100
6654BX G18
1000
CL = 10µF
CL = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com