データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT6654BX データシート(PDF) 9 Page - Analog Devices

部品番号 LT6654BX
部品情報  Wide Supply 2.5V Precision Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

LT6654BX データシート(HTML) 9 Page - Analog Devices

Back Button LT6654BX Datasheet HTML 5Page - Analog Devices LT6654BX Datasheet HTML 6Page - Analog Devices LT6654BX Datasheet HTML 7Page - Analog Devices LT6654BX Datasheet HTML 8Page - Analog Devices LT6654BX Datasheet HTML 9Page - Analog Devices LT6654BX Datasheet HTML 10Page - Analog Devices LT6654BX Datasheet HTML 11Page - Analog Devices LT6654BX Datasheet HTML 12Page - Analog Devices LT6654BX Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LT6654BX
9
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 11. 175°C LT6654BX-2.5 Sinking 2mA to 3mA
100µs/DIV
–3mA
IOUT
–2mA
VOUT
5mV/DIV/AC
2.5V/DIV
6654BX F11
TA = 175°C
COUT = 1µF
Positive or Negative Operation
In addition to the series connection, as shown on the front
page of this data sheet, the LT6654BX can be operated
as a negative voltage reference. The circuit in Figure 12
shows an LT6654BX configured for negative operation.
In this configuration, a positive voltage is required at VIN
(Pin 8) to bias the LT6654BX internal circuitry. This volt-
age must be current limited with R1 to keep the output
PNP transistor from turning on and driving the grounded
output. C1 provides stability during load transients. This
connection maintains the same accuracy and temperature
coefficient of the positive connected LT6654BX.
Figure 12.
LT6654BX-2.5
VEE
VOUT = –2.5V
0.1µF
3V
R1
3k
6654BX F12
C1
1µF
VEE – VOUT
0.6mA + IOUT
R ≤
OUT
IN
GND
Using the LT6654BX-2.5 to Build a –2.5V Reference
Long-Term Drift
Long-term drift cannot be extrapolated from accelerated
high temperature testing. This erroneous technique gives
drift numbers that are wildly optimistic. The only way
long-term drift can be determined is to measure it over
the time interval of interest. The LT6654BX drift data
was taken on 40 parts that were soldered into PC boards
similar to a real world application. The boards were then
placed into a constant temperature oven with TA = 35°C,
their outputs scanned regularly and measured with an 8.5
digit DVM. Long-term drift curves are shown in Figure 13.
Their drift is much smaller after the first thousand hours.
Figure 13.
LT6654BXMS8
TIME (HOURS)
0
200
400
600
800
1000
–80
–40
0
40
80
6654BX F13
LT6654BX-2.5 Long Term Drift
Power Dissipation
The allowed power dissipation in the LT6654BX is depen-
dent on the ambient temperature, VIN, the load current
and the package. The LT6654BX package has a thermal
resistance, or θJA, of 163°C/W. A curve that illustrates
allowed power dissipation versus temperature, for the
8-lead MSOP package, is shown in Figure 14. The typical
power dissipation of the LT6654BX-2.5, as a function of
input voltage and output current, is shown in Figure 15.
Maximum allowed output regulated sourcing current is
shown in Figure 16. It can be seen, for VIN = 36V and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com