データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT6654BX データシート(PDF) 7 Page - Analog Devices

部品番号 LT6654BX
部品情報  Wide Supply 2.5V Precision Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

LT6654BX データシート(HTML) 7 Page - Analog Devices

Back Button LT6654BX Datasheet HTML 3Page - Analog Devices LT6654BX Datasheet HTML 4Page - Analog Devices LT6654BX Datasheet HTML 5Page - Analog Devices LT6654BX Datasheet HTML 6Page - Analog Devices LT6654BX Datasheet HTML 7Page - Analog Devices LT6654BX Datasheet HTML 8Page - Analog Devices LT6654BX Datasheet HTML 9Page - Analog Devices LT6654BX Datasheet HTML 10Page - Analog Devices LT6654BX Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LT6654BX
7
Rev. 0
For more information www.analog.com
Bypass and Load Capacitors
The LT6654BXMS8 operates between –40°C to 175°C,
and performs similarly to LT6654BHS6 within –40°C to
125°C specified temperature range. The LT6654BX refer-
ence is offered in an MS8, 8-lead MSOP package.
The LT6654BX voltage reference should have an input by-
pass capacitor of 0.1μF or larger. However, for light load-
ing, the bypassing on other components nearby is suf-
ficient. In high voltage applications, VIN > 30V, a transient
output short-circuit to ground can create an input voltage
transient that could exceed the maximum input voltage
rating. To prevent this worst-case condition, an RC input
line filter of 10μs (i.e. 10Ω and 1μF) is recommended.
This reference also requires an output capacitor for sta-
bility. The optimum output capacitance for most applica-
tions is 1μF, although larger values work as well. This
capacitor affects the turn-on and settling time for the
output to reach its final value. Figures 1 and 2 show
APPLICATIONS INFORMATION
the turn-on time for the LT6654BX, 2.5V output volt-
age with a 0.1μF input bypass and 1μF load capacitor
at 25°C and 175°C, respectively. Figures 3 and 4 show
the output response to a 0.5V transient on VIN with the
same capacitors, at 25°C and 175°C, respectively. The
test circuit of Figure 5 is used to measure the stability
with various load currents. With RL = 1k, the 1V step
produces a current step of 1mA. Figures 6 and 7 show
the response to a ±0.5mA load at 25°C and 175°C,
respectively. Figures 8 and 9 are the output response
to a sourcing step at 25°C and 175°C, respectively, and
Figures 10 and 11 are the output response of a sinking
step at 25°C and 175°C, respectively.
Figure 1. 25°C Turn-On Characteristics of LT6654BX-2.5
Figure 2. 175°C Turn-On Characteristics of LT6654BX-2.5
Figure 3. 25°C Output Response to 0.5V Ripple on VIN
Figure 4. 175°C Output Response to 0.5V Ripple on VIN
20µs/DIV
GND
GND
VIN
1V/DIV
VOUT
1V/DIV
6654BX F01
COUT = 1µF
50µs/DIV
VOUT
1V/DIV
GND
VIN
1V/DIV
GND
6654BX F02
TA = 175°C
COUT = 1µF
50µs/DIV
3.5V
VIN/DC
3V
VOUT/AC
6654BX F03
COUT = 1µF
+2V
–2V
100µs/DIV
3.5V
VIN/DC
3V
+5mV
VOUT/AC
–5mV
6654BX F04
TA = 175°C
COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com