| データシートサーチシステム |
|
CC3235MODASF データシート(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC3235MODASF データシート(HTML) 16 Page - Texas Instruments |
|
16 / 100 page ![]() Copyright © 2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: CC3235MODAS CC3235MODASF 16 CC3235MODAS, CC3235MODASF SWRS233 – OCTOBER 2019 www.ti.com Table 4-2. Pin Attributes and Pin Multiplexing (continued) GENERAL PIN ATTRIBUTES FUNCTION PAD STATES Pkg. Pin Pin Alias Use Select as Wakeup Source Config. Addl. Analog Mux Muxed With JTAG Dig. Pin Mux Config. Reg. Dig. Pin Mux Config. Mode Value Signal Name Signal Description Signal Direction LPDS(1) Hib(2) nRESET = 0 4 GPIO11 I/O Yes No No GPIO_PAD_ CONFIG_11 (0x4402 E0CC) 0 GPIO11 GPIO I/O Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 1 I2C_SDA I2C data I/O (open drain) Hi-Z, Pull, Drive 3 GT_PWM07 Pulse-width modulated O/P O Hi-Z, Pull, Drive 4 pXCLK (XVCLK) Free clock to parallel camera O 0 6 SDCARD_CMD SD card command line I/O (open drain) Hi-Z, Pull, Drive 7 UART1_RX UART RX data I Hi-Z, Pull, Drive 12 GT_CCP02 Timer capture port I Hi-Z, Pull, Drive 13 MCAFSX I2S audio port frame sync O Hi-Z, Pull, Drive 5 GPIO14 I/O No No No GPIO_PAD_ CONFIG_14 (0x4402 E0D8) 0 GPIO14 GPIO I/O Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 5 I2C_SCL I2C clock I/O (open drain) 7 GSPI_CLK General SPI clock I/O 4 pDATA8 (CAM_D4) Parallel camera data bit 4 I 12 GT_CCP05 Timer capture port I |