| データシートサーチシステム |
|
CC3235MODASF データシート(PDF) 79 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC3235MODASF データシート(HTML) 79 Page - Texas Instruments |
|
79 / 100 page ![]() WLAN CC3235MODx BLE CCxxxx RF_ABG RF Coex IO CC_COEX_BLE_IN Dual-band Antenna BLE Ant. 79 CC3235MODAS, CC3235MODASF www.ti.com SWRS233 – OCTOBER 2019 Submit Documentation Feedback Product Folder Links: CC3235MODAS CC3235MODASF Applications, Implementation, and Layout Copyright © 2019, Texas Instruments Incorporated Figure 7-1 shows the dual antenna implementation of a complete Bluetooth® low energy and WLAN coexistence network with the WLAN operating on either a 2.4- or a 5 GHz band. Note in this implementation a Coex switch is not required and only a single GPIO from the BLE device to the CC3235MOD device is needed. In addition, the CC3235MODx's antenna is external while the CC3235MODAx's antenna is integrated. Figure 7-1. Dual-Antenna Coexistence Mode Block Diagram |