| データシートサーチシステム |
|
CC3235MODASF データシート(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC3235MODASF データシート(HTML) 19 Page - Texas Instruments |
|
19 / 100 page ![]() Copyright © 2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: CC3235MODAS CC3235MODASF 19 CC3235MODAS, CC3235MODASF www.ti.com SWRS233 – OCTOBER 2019 Table 4-2. Pin Attributes and Pin Multiplexing (continued) GENERAL PIN ATTRIBUTES FUNCTION PAD STATES Pkg. Pin Pin Alias Use Select as Wakeup Source Config. Addl. Analog Mux Muxed With JTAG Dig. Pin Mux Config. Reg. Dig. Pin Mux Config. Mode Value Signal Name Signal Description Signal Direction LPDS(1) Hib(2) nRESET = 0 11 GPIO22 I/O No No No GPIO_PAD_ CONFIG_22 (0x4402 E0F8) 0 GPIO22 GPIO I/O Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 7 McAFSX I2S audio port frame sync O 5 GT_CCP04 Timer capture port I 12 JTAG_TDI I/O No No Muxed with JTAG TDI GPIO_PAD_ CONFIG_23 (0x4402 E0FC) 1 TDI JTAG TDI. Reset default pinout. I Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 0 GPIO23 GPIO I/O 2 UART1_TX UART1 TX data O 1 9 I2C_SCL I2C clock I/O (open drain) Hi-Z, Pull, Drive 13 FLASH_ SPI_ MISO N/A N/A N/A N/A N/A N/A FLASH_SPI_MISO Data from SPI serial Flash (fixed default) N/A Hi-Z Hi-Z Hi-Z 14 FLASH_ SPI_ nCS_IN N/A N/A N/A N/A N/A N/A FLASH_SPI_nCS_ IN Chip select to SPI serial Flash (fixed default) N/A 1 Hi-Z, Pull, Drive Hi-Z 15 FLASH_ SPI_CLK N/A N/A N/A N/A N/A N/A FLASH_SPI_ CLK Clock to SPI serial Flash (fixed default) N/A Hi-Z, Pull, Drive (3) Hi-Z, Pull, Drive Hi-Z 16 GND GND N/A N/A N/A N/A N/A GND GND N/A N/A N/A N/A 17 FLASH_ SPI_ MOSI N/A N/A N/A N/A N/A N/A FLASH_SPI_MOSI Data to SPI serial Flash (fixed default) N/A Hi-Z, Pull, Drive (3) Hi-Z, Pull, Drive Hi-Z |