| データシートサーチシステム |
|
CC3235MODASF データシート(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC3235MODASF データシート(HTML) 26 Page - Texas Instruments |
|
26 / 100 page ![]() Copyright © 2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: CC3235MODAS CC3235MODASF 26 CC3235MODAS, CC3235MODASF SWRS233 – OCTOBER 2019 www.ti.com Table 4-2. Pin Attributes and Pin Multiplexing (continued) GENERAL PIN ATTRIBUTES FUNCTION PAD STATES Pkg. Pin Pin Alias Use Select as Wakeup Source Config. Addl. Analog Mux Muxed With JTAG Dig. Pin Mux Config. Reg. Dig. Pin Mux Config. Mode Value Signal Name Signal Description Signal Direction LPDS(1) Hib(2) nRESET = 0 51 GPIO6 I/O No No No GPIO_PAD_ CONFIG_6 (0x4402 E0B8) 0 GPIO6 GPIO I/O Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 5 UART0_RTS UART0 Request- to-Send (active low) O 1 4 pDATA4 (CAM_D0) Parallel camera data bit 0 I Hi-Z, Pull, Drive 3 UART1_CTS UART1 Clear to send (active low) I Hi-Z, Pull, Drive 6 UART0_CTS UART0 Clear to send (active low) I Hi-Z, Pull, Drive 7 GT_CCP06 Timer capture port I Hi-Z, Pull, Drive 52 GPIO7 I/O No No No GPIO_PAD_ CONFIG_7 (0x4402 E0BC) 0 GPIO7 GPIO I/O Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 13 McACLK I2S audio port clock O Hi-Z, Pull, Drive 3 UART1_RTS UART1 Request to send (active low) O 1 10 UART0_RTS UART0 Request to send (active low) O 1 11 UART0_TX UART0 TX data O 1 53 GPIO8 I/O No No No GPIO_PAD_ CONFIG_8 (0x4402 E0C0) 0 GPIO8 GPIO I/O Hi-Z, Pull, Drive Hi-Z, Pull, Drive Hi-Z 6 SDCARD_IRQ Interrupt from SD card (future support) I 7 McAFSX I2S audio port frame sync O 12 GT_CCP06 Timer capture port I |