データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8S データシート(PDF) 61 Page - STMicroelectronics

部品番号 STM8S
部品情報  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S データシート(HTML) 61 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 57Page - STMicroelectronics STM8S Datasheet HTML 58Page - STMicroelectronics STM8S Datasheet HTML 59Page - STMicroelectronics STM8S Datasheet HTML 60Page - STMicroelectronics STM8S Datasheet HTML 61Page - STMicroelectronics STM8S Datasheet HTML 62Page - STMicroelectronics STM8S Datasheet HTML 63Page - STMicroelectronics STM8S Datasheet HTML 64Page - STMicroelectronics STM8S Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 467 page
background image
DocID14587 Rev 14
61/467
RM0016
Interrupt controller (ITC)
72
1.
The highest software priority interrupt is serviced.
2.
If several interrupts have the same software priority then the interrupt with the highest
hardware priority is serviced first.
When an interrupt request is not serviced immediately, it is latched and then processed
when its software priority combined with the hardware priority becomes the highest one.
Note:
1
The hardware priority is exclusive while the software one is not. This allows the previous
process to succeed with only one interrupt.
2
RESET, TLI and TRAP are considered as having the highest software priority in the decision
process.
See Figure 14 for a description of pending interrupt servicing process.
Figure 14. Priority decision process
6.2.2
Interrupt sources
Two interrupt source types are managed by the STM8 interrupt controller:
Non-maskable interrupts: RESET, TLI and TRAP
Maskable interrupts: external interrupts or interrupts issued by internal peripherals
Non-maskable interrupt sources
Non-maskable interrupt sources are processed regardless of the state of bits I1 and I0 of the
CCR register (see Figure 13). PC, X, Y, A and CCR registers are stacked only when a TRAP
MSv45261V1
SOFTWARE
PRIORITY
PENDING
INTERRUPTS
HIGHEST SOFTWARE
PRIORITY SERVICED
HIGHEST HARDWARE
PRIORITY SERVICED
Different
Same



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More