| データシートサーチシステム |
|
STM8S データシート(PDF) 287 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S データシート(HTML) 287 Page - STMicroelectronics |
|
287 / 467 page ![]() DocID14587 Rev 14 287/467 RM0016 Serial peripheral interface (SPI) 287 20.4.8 SPI Tx CRC register (SPI_TXCRCR) Address offset: 0x07Reset value: 0x00 20.5 SPI register map and reset values 7 654 3210 TxCRC[7:0] r Bits 7:0 TxCRC[7:0]: Tx CRC register When CRC calculation is enabled, the TxCRC[7:0] bits contain the computed CRC value of the subsequently transmitted bytes. This register is reset when the CRCEN bit of SPI_CR2 is written to 1. The CRC is calculated serially using the polynomial programmed in the SPI_CRCPR register. Note: A read to this register when the BSY flag is set could return a incorrect value Table 47. SPI register map and reset values Address offset Register name 76 54 32 10 0x00 SPI_CR1 Reset value LSB FIRST 0 SPE 0 BR2 0 BR1 0 BR0 0 MSTR 0 CPOL 0 CPHA 0 0x01 SPI_CR2 Reset value BDM 0 BDOE 0 CRCEN 0 CRCNEXT 0 - 0 RXONLY 0 SSM 0 SSI 0 0x03 SPI_SR Reset value BSY 0 OVR 0 MODF 0 CRCERR 0 WKUP 0 - 0 TXE 1 RXNE 0 0x04 SPI_DR Reset value DR[7:0] 0 0x05 SPI_CRCPR reset value MSB 0 - 0 - 0 - 0 - 0 - 1 - 1 LSB 1 0x06 SPI_RXCRCR reset value MSB 0 - 0 - 0 - 0 - 0 - 0 - 0 LSB 0 0x07 SPI_TXCRCR reset value MSB 0 - 0 - 0 - 0 - 0 - 0 - 0 LSB 0 |