| データシートサーチシステム |
|
STM32F469 データシート(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F469 データシート(HTML) 59 Page - STMicroelectronics |
|
59 / 91 page ![]() DocID029237 Rev 2 59/91 AN4861 Creating a graphical application with LTDC 89 FMC SDRAM/SRAM interface When using an external SRAM or SDRAM memory for a framebuffer, the FMC-SDRAM and the FMC-SRAM interfaces speed depend on many factors including the board layout and the pad speed. A good PCB design enables to reach the maximum pixel clock described in Table 10 and Table 11. The layout should be as good as possible in order to get the best performances. To get more information on PCB routing guidelines, refer to the following application notes available on the STMicroelectronics website: • Section “Flexible memory controller (FMC) interface” of application note Getting started with STM32F7 Series MCU hardware development (AN4661) • Section “Flexible memory controller (FMC) interface” of application note Getting started with STM32F4xxxx MCU hardware development (AN4488) |