| データシートサーチシステム |
|
STM32F469 データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F469 データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 91 page ![]() LCD-TFT (LTDC) display controller description AN4861 24/91 DocID029237 Rev 2 Figure 14. Fully programmable timings and resolutions Caution: Any display resolution belonging to the maximal total area in 4096 x 2048 as described in Figure 15 is supported by the LTDC only if the following conditions are met: - The display panel pixel clock must not exceed the maximal LTDC pixel clock in Table 2 - The display panel pixel clock must not exceed the maximal STM32 pixel clock respecting the framebuffer bandwidth (see Section 4.2: Checking the display size and color depth compatibility with the hardware configuration). Figure 15 shows some custom and standard resolutions belonging to the maximal 4096 x 2048 supported by the LTDC. |