| データシートサーチシステム |
|
STM32F469 データシート(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F469 データシート(HTML) 83 Page - STMicroelectronics |
|
83 / 91 page ![]() DocID029237 Rev 2 83/91 AN4861 LTDC application examples 89 Figure 53. MPU configuration for Quad-SPI region SDRAM and Quad-SPI MPU configuration example The following code (generated by STM32CubeMX) shows how to set the MPU attributes for the FMC_SDRAM and Quad-SPI respecting the previously described configurations. /* MPU Configuration */ void MPU_Config(void) { MPU_Region_InitTypeDef MPU_InitStruct; /* Disables the MPU */ HAL_MPU_Disable(); /* Configure the MPU attributes for region 0 */ /* Configure the MPU attributes for SDRAM to normal memory*/ MPU_InitStruct.Enable = MPU_REGION_ENABLE; MPU_InitStruct.Number = MPU_REGION_NUMBER0; MPU_InitStruct.BaseAddress = 0xC0000000; MPU_InitStruct.Size = MPU_REGION_SIZE_8MB; MPU_InitStruct.SubRegionDisable = 0x0; MPU_InitStruct.TypeExtField = MPU_TEX_LEVEL1; MPU_InitStruct.AccessPermission = MPU_REGION_FULL_ACCESS; MPU_InitStruct.DisableExec = MPU_INSTRUCTION_ACCESS_ENABLE; MPU_InitStruct.IsShareable = MPU_ACCESS_NOT_SHAREABLE; MPU_InitStruct.IsCacheable = MPU_ACCESS_CACHEABLE; MPU_InitStruct.IsBufferable = MPU_ACCESS_BUFFERABLE; |