データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F469 データシート(PDF) 76 Page - STMicroelectronics

部品番号 STM32F469
部品情報  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 データシート(HTML) 76 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 72Page - STMicroelectronics STM32F469 Datasheet HTML 73Page - STMicroelectronics STM32F469 Datasheet HTML 74Page - STMicroelectronics STM32F469 Datasheet HTML 75Page - STMicroelectronics STM32F469 Datasheet HTML 76Page - STMicroelectronics STM32F469 Datasheet HTML 77Page - STMicroelectronics STM32F469 Datasheet HTML 78Page - STMicroelectronics STM32F469 Datasheet HTML 79Page - STMicroelectronics STM32F469 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
LTDC application examples
AN4861
76/91
DocID029237 Rev 2
Figure 47. STM32CubeMX: LTDC Layer1 parameters setting
6.2.5
Displaying an image from the internal Flash
In order to ensure that the LTDC is properly configured respecting the display panel's
specifications, it is important to display an image from the internal Flash.
To do it, the user should first convert the image to a C or a header file and add it to the
project.
Converting the image to a header file using the LCD image converter tool
The user must generate the header file respecting the configured LTDC layer pixel input
format RGB565 (see Section : Pixel input format on page 27 and Section 4.8: Storing
graphic primitives on page 58).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91