| データシートサーチシステム |
|
STM32F469 データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F469 データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 91 page ![]() Display and graphics overview AN4861 14/91 DocID029237 Rev 2 DPI: Parallel RGB using LTDC(3) DSI(4) 1. Purple arrows show the pixel data path to the display. 2. For more information on how to support Motorola 6800 and Intel 8080 with STM32's F(S)MC, refer to the application note TFT LCD interfacing with the high-density STM32F10xxx FSMC (AN2790). 3. All other STM32 MCUs with no LTDC peripheral can directly drive LCD-TFT panels using FSMC and DMA. Refer to application note QVGA TFT-LCD direct drive using the STM32F10xx FSMC peripheral (AN3241). 4. Only the STM32 MCUs indicated in Table 3 embedding a DSI Host can support the DSI interface. Refer to application note DSI Host on STM32 microcontrollers (AN4860) for more information. Table 2. Display interfaces supported by STM32 MCUs (continued) Display interface Connecting display panels to STM32 MCU(1) |