データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC3541 データシート(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC3541
部品情報  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3541 データシート(HTML) 60 Page - Texas Instruments

Back Button ADC3541 Datasheet HTML 56Page - Texas Instruments ADC3541 Datasheet HTML 57Page - Texas Instruments ADC3541 Datasheet HTML 58Page - Texas Instruments ADC3541 Datasheet HTML 59Page - Texas Instruments ADC3541 Datasheet HTML 60Page - Texas Instruments ADC3541 Datasheet HTML 61Page - Texas Instruments ADC3541 Datasheet HTML 62Page - Texas Instruments ADC3541 Datasheet HTML 63Page - Texas Instruments ADC3541 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
8.1.3 Application Curves
The following FFT plots show the performance of THS4541 driving the ADC3543 operated at 65 MSPS with a
full-scale input at -1 dBFS. The FFT spectrum also shows the response of the low pass filter located between the
THS4541 and the glitch filter with a 20 MHz corner frequency.
Graph Placeholder
C00
Figure 8-2.
ADC3541
SBAS840 – JULY 2020
www.ti.com
60
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68