| データシートサーチシステム |
|
TLE2072ACDG4 データシート(PDF) 53 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2072ACDG4 データシート(HTML) 53 Page - Texas Instruments |
|
53 / 81 page ![]() TLE207x, TLE207xA EXCALIBUR LOW NOISE HIGHSPEED JFET INPUT OPERATIONAL AMPLIFIERS SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004 53 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 22 0 − 5 −15 − 20 − 25 20 −10 0 2.5 5 7.5 10 12.5 15 10 5 15 MAXIMUM PEAK OUTPUT VOLTAGE vs SUPPLY VOLTAGE 25 17.5 20 22.5 25 IO = − 200 µA IO = − 2 mA IO = − 20 mA IO = 20 mA IO = 200 µA TA = 25°C |VCC ±| − Supply Voltage − V IO = 2 mA Figure 23 20 5 0 30 10 25 100 k 1 M 10 M f − Frequency − Hz 15 MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE† vs FREQUENCY TA = − 55°C TA = 25°C, 125 °C TA = 25°C, 125 °C TA = − 55°C VCC ± = ±15 V RL = 2 kΩ VCC ± = ±5 V Figure 24 0 0.5 1 1.5 2 OUTPUT VOLTAGE vs SETTLING TIME VCC ± = ±15 V RL = 1 kΩ CL = 100 pF AV = − 1 TA = 25°C 1mV 1mV Rising Falling 10 mV 10 mV − 2.5 − 10 − 12.5 10 12.5 − 5 7.5 2.5 − 7.5 5 0 ts − Settling Time − µs Figure 25 LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION vs LOAD RESISTANCE 115 110 100 95 90 125 105 0.1 1 10 100 120 VCC ± = ±15 V VCC ± = ±5 V VIC = 0 RS = 50 Ω TA = 25°C RL − Load Resistance − kΩ † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |