| データシートサーチシステム |
|
TLE2072ACDG4 データシート(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2072ACDG4 データシート(HTML) 64 Page - Texas Instruments |
|
64 / 81 page ![]() TLE207x, TLE207xA EXCALIBUR LOW NOISE HIGHSPEED JFET INPUT OPERATIONAL AMPLIFIERS SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004 64 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 62 6 4 2 0 020 40 60 8 GAIN MARGIN vs LOAD CAPACITANCE 10 80 100 VCC ± = ±15 V VIC = 0 VO = 0 RL = 2 kΩ TA = 25°C CL − Load Capacitance − pF Figure 63 30 ° 20 ° 10 ° 0 ° 40 ° 50 ° 60 ° 70 ° 80 ° 90 ° −75 − 55 − 35 −15 5 25 45 PHASE MARGIN† vs FREE-AIR TEMPERATURE 65 85 105 VCC ± = ±15 V VCC ± = ±15 V VCC ± = ±5 V VCC ± = ±5 V 125 VIC = 0 VO = 0 RL = 2 kΩ CL = 25 pF CL = 100 pF TA − Free-Air Temperature − °C Figure 64 PHASE MARGIN vs SUPPLY VOLTAGE 04 8 12 16 20 VIC = 0 VO = 0 RL = 2 kΩ TA = 25°C 0 ° 10 ° 90 ° 80 ° 30 ° 20 ° 40 ° 50 ° 60 ° 70 ° CL = 25 pF CL = 100 pF |VCC ±| − Supply Voltage − V Figure 65 0 ° 10 ° 90 ° 80 ° VIC = 0 VO = 0 RL = 2 kΩ TA = 25°C VCC ± = ±15 V VCC ± = ±5 V PHASE MARGIN vs LOAD CAPACITANCE 30 ° 20 ° 40 ° 50 ° 60 ° 70 ° 0 20 40 60 80 100 CL − Load Capacitance − pF † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |