| データシートサーチシステム |
|
TLE2072ACDG4 データシート(PDF) 62 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2072ACDG4 データシート(HTML) 62 Page - Texas Instruments |
|
62 / 81 page ![]() TLE207x, TLE207xA EXCALIBUR LOW NOISE HIGHSPEED JFET INPUT OPERATIONAL AMPLIFIERS SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004 62 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 54 0.01 1 10 100 1 k 10 k 100 k Noise Bandwidth − Hz 1 0.1 10 100 INPUT-REFERRED NOISE VOLTAGE vs NOISE BANDWIDTH VCC ± = ±15 V VIC = 0 RS = 20 Ω TA = 25°C Peak-to-Peak RMS Figure 55 0.3 0 − 0.3 − 0.6 0 1 2 3456 0.6 0.9 t − Time − s INPUT-REFERRED NOISE VOLTAGE OVER A 10-SECOND TIME INTERVAL 1.2 789 10 VCC ± = ±15 V f = 0.1 to 10 Hz TA = 25°C Figure 56 − 90 − 95 −100 −115 10 15 20 25 30 35 − 85 − 80 Frequency Bands THIRD-OCTAVE SPECTRAL NOISE DENSITY vs FREQUENCY BANDS − 75 40 45 VCC ± = ±15 V Start Frequency: 12.5 Hz Stop Frequency: 20 kHz −105 −110 VIC = 0 TA = 25°C Figure 57 0.001 10 100 1 k 10 k 100 k 0.01 f − Frequency − Hz TOTAL HARMONIC DISTORTION PLUS NOISE vs FREQUENCY 0.1 1 VCC ± = ±5 V VO(PP) = 5 V TA = 25°C Filter: 10-Hz to 500-kHz Band Pass AV = 100, RL = 600 Ω AV = 100, RL = 2 kΩ AV = 10, RL = 2 kΩ AV = 10, RL = 600 Ω |