| データシートサーチシステム |
|
TLE2072ACDG4 データシート(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2072ACDG4 データシート(HTML) 7 Page - Texas Instruments |
|
7 / 81 page ![]() TLE207x, TLE207xA EXCALIBUR LOW NOISE HIGHSPEED JFET INPUT OPERATIONAL AMPLIFIERS SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2071C electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLE2071C TLE2071AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 0.34 4 0.3 2 mV VIO Input offset voltage VIC = 0, VO = 0, R = 50 Full range 6 4 mV αVIO Temperature coefficient of input offset voltage VIC = 0, VO = 0, RS = 50 Ω Full range 3.2 29 3.2 29 µV/°C IIO Input offset current 25 °C 5 100 5 100 pA IIO Input offset current VIC = 0, VO = 0, Full range 1.4 1.4 nA IIB Input bias current VIC = 0, VO = 0, See Figure 4 25 °C 15 175 15 175 pA IIB Input bias current See Figure 4 Full range 5 5 nA 5 5 5 5 25 °C 5 to 5 to 5 to 5 to VICR Common-mode input RS = 50 Ω 25 C to − 1 to −1.9 to − 1 to −1.9 V VICR Common-mode input voltage range RS = 50 Ω 5 5 V voltage range Full range 5 to 5 to Full range to −0.9 to −0.9 IO = − 200 A 25 °C 3.8 4.1 3.8 4.1 IO = − 200 µA Full range 3.7 3.7 VOM + Maximum positive peak IO = − 2 mA 25 °C 3.5 3.9 3.5 3.9 V VOM + Maximum positive peak output voltage swing IO = − 2 mA Full range 3.4 3.4 V output voltage swing IO = − 20 mA 25 °C 1.5 2.3 1.5 2.3 IO = − 20 mA Full range 1.5 1.5 IO = 200 A 25 °C − 3.5 − 4.2 − 3.5 − 4.2 IO = 200 µA Full range − 3.4 − 3.4 VOM − Maximum negative peak IO = 2 mA 25 °C − 3.7 − 4.1 − 3.7 − 4.1 V VOM − Maximum negative peak output voltage swing IO = 2 mA Full range − 3.6 − 3.6 V output voltage swing IO = 20 mA 25 °C − 1.5 − 2.4 − 1.5 − 2.4 IO = 20 mA Full range − 1.5 − 1.5 RL = 600 Ω 25 °C 80 91 80 91 RL = 600 Ω Full range 79 79 AVD Large-signal differential VO = ± 2.3 V RL = 2 kΩ 25 °C 90 100 90 100 dB AVD Large-signal differential voltage amplification VO = ± 2.3 V RL = 2 kΩ Full range 89 89 dB voltage amplification RL = 10 kΩ 25 °C 95 106 95 106 RL = 10 kΩ Full range 94 94 ri Input resistance VIC = 0 25 °C 1012 1012 Ω ci Input capacitance VIC = 0, See Figure 5 Common mode 25 °C 11 11 pF ci Input capacitance IC See Figure 5 Differential 25 °C 2.5 2.5 pF zo Open-loop output impedance f = 1 MHz 25 °C 80 80 Ω CMRR Common-mode VIC = VICRmin, 25 °C 70 89 70 89 dB CMRR Common-mode rejection ratio VIC = VICRmin, VO = 0, RS = 50 Ω Full range 68 68 dB kSVR Supply-voltage rejection VCC ± = ±5 V to ±15 V, 25 °C 82 99 82 99 dB kSVR Supply-voltage rejection ratio( ∆VCC± /∆VIO) VCC ± = ±5 V to ±15 V, VO = 0, RS = 50 Ω Full range 80 80 dB † Full range is 0°C to 70°C. |