| データシートサーチシステム |
|
TLE2072ACDG4 データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2072ACDG4 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 81 page ![]() TLE207x, TLE207xA EXCALIBUR LOW NOISE HIGHSPEED JFET INPUT OPERATIONAL AMPLIFIERS SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2071 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (D) CHIP CARRIER (FK) CERAMIC DIP (JG) PLASTIC DIP (P) CERAMIC FLAT PACK (U) 0 °C to 70°C 2 mV TLE2071ACD — — TLE2071ACP — 0 °C to 70°C 2 mV 4 mV TLE2071ACD TLE2071CD — — TLE2071ACP TLE2071CP — −40 °C to 85°C 2 mV TLE2071AID — — TLE2071AIP — −40 °C to 85°C 2 mV 4 mV TLE2071AID TLE2071ID — — TLE2071AIP TLE2071IP — −55 °C to 125°C 2 mV — TLE2071AMFK TLE2071AMJG — TLE2071AMU −55 °C to 125°C 2 mV 4 mV — — TLE2071AMFK TLE2071MFK TLE2071AMJG TLE2071MJG — — TLE2071AMU TLE2071MU † The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2071ACDR). TLE2072 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (D) CHIP CARRIER (FK) CERAMIC DIP (JG) PLASTIC DIP (P) CERAMIC FLAT PACK (U) 0 °C to 70°C 3.5 mV TLE2072ACD — — TLE2072ACP — 0 °C to 70°C 3.5 mV 6 mV TLE2072ACD TLE2072CD — — TLE2072ACP TLE2072CP — −40 °C to 85°C 3.5 mV TLE2072AID — — TLE2072AIP — −40 °C to 85°C 3.5 mV 6 mV TLE2072AID TLE2072ID — — TLE2072AIP TLE2072IP — −55 °C to 125°C 3.5 mV — TLE2072AMFK TLE2072AMJG — TLE2072AMU −55 °C to 125°C 3.5 mV 6 mV — TLE2072AMFK TLE2072MFK TLE2072AMJG TLE2072MJG — TLE2072AMU TLE2072MU † The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2072ACDR). TLE2074 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (DW) CHIP CARRIER (FK) CERAMIC DIP (J) PLASTIC DIP (N) CERAMIC FLAT PACK (W) 0 °C to 70°C 3 mV TLE2074ACDW — — TLE2074ACN — 0 °C to 70°C 3 mV 5 mV TLE2074ACDW TLE2074CDW — — TLE2074ACN TLE2074CN — −40 °C to 85°C 3 mV TLE2074AIDW — — TLE2074AIN — −40 °C to 85°C 3 mV 5 mV TLE2074AIDW TLE2074IDW — — TLE2074AIN TLE2074IN — −55 °C to 125°C 3 mV — TLE2074AMFK TLE2074AMJ — TLE2074AMW −55 °C to 125°C 3 mV 5 mV — TLE2074AMFK TLE2074MFK TLE2074AMJ TLE2074MJ — TLE2074AMW TLE2074MW † The DW packages are available taped and reeled. Add R suffix to device type (e.g., TLE2074ACDWR). symbol + − OUT IN + IN − |