| データシートサーチシステム |
|
STM32G071C8 データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G071C8 データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 133 page ![]() DS12232 Rev 3 45/133 STM32G071x8/xB Pinouts, pin description and alternate functions 47 - - - - - 26 F6 34 PB14 I/O FT_f - SPI2_MISO, UCPD1_FRSTX, TIM1_CH2N, USART3_RTS_DE_CK, TIM15_CH1, I2C2_SDA, EVENTOUT - - - 15 - 17 27 F7 35 PB15 I/O FT_c (3) SPI2_MOSI, TIM1_CH3N, TIM15_CH1N, TIM15_CH2, EVENTOUT UCPD1_CC2, RTC_REFIN, D1 16 16 18 18 28 F8 36 PA8 I/O FT_c (3) MCO, SPI2_NSS, TIM1_CH1, LPTIM2_OUT, EVENTOUT UCPD1_CC1 - - - 19 19 29 E6 37 PA9 I/O FT_fd (3) MCO, USART1_TX, TIM1_CH2, SPI2_MISO, TIM15_BKIN, I2C1_SCL, EVENTOUT UCPD1_DBCC1 - 17 - 20 20 30 E7 38 PC6 I/O FT - UCPD1_FRSTX, TIM3_CH1, TIM2_CH3 - - - 17 - - --- PC6 I/O FT_d (3) UCPD1_FRSTX, TIM3_CH1, TIM2_CH3 UCPD1_DBCC1 - - - - - 31 E5 39 PC7 I/O FT - UCPD2_FRSTX, TIM3_CH2, TIM2_CH4 - - - - - - - E8 40 PD8 I/O FT - USART3_TX, SPI1_SCK/I2S1_CK, LPTIM1_OUT - - - - - - - D8 41 PD9 I/O FT - USART3_RX, SPI1_NSS/I2S1_WS, TIM1_BKIN2 - - - - 21 21 32D642 PA10 I/O FT_fd (3) SPI2_MOSI, USART1_RX, TIM1_CH3, TIM17_BKIN, I2C1_SDA, EVENTOUT UCPD1_DBCC2 C1 18 18 22 22 33 C8 43 PA11 [PA9](4) I/O FT_f - SPI1_MISO/I2S1_MCK, USART1_CTS, TIM1_CH4, TIM1_BKIN2, I2C2_SCL, COMP1_OUT - B1 19 19 23 23 34 B8 44 PA12 [PA10](4) I/O FT_f - SPI1_MOSI/I2S1_SD, USART1_RTS_DE_CK, TIM1_ETR, I2S_CKIN, I2C2_SDA, COMP2_OUT - Table 12. Pin assignment and description (continued) Pin Number Pin name (function upon reset) Alternate functions Additional functions |