データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G071C8 データシート(PDF) 42 Page - STMicroelectronics

部品番号 STM32G071C8
部品情報  Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071C8 データシート(HTML) 42 Page - STMicroelectronics

Back Button STM32G071C8 Datasheet HTML 38Page - STMicroelectronics STM32G071C8 Datasheet HTML 39Page - STMicroelectronics STM32G071C8 Datasheet HTML 40Page - STMicroelectronics STM32G071C8 Datasheet HTML 41Page - STMicroelectronics STM32G071C8 Datasheet HTML 42Page - STMicroelectronics STM32G071C8 Datasheet HTML 43Page - STMicroelectronics STM32G071C8 Datasheet HTML 44Page - STMicroelectronics STM32G071C8 Datasheet HTML 45Page - STMicroelectronics STM32G071C8 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 133 page
background image
Pinouts, pin description and alternate functions
STM32G071x8/xB
42/133
DS12232 Rev 3
--
-
-
-
2
C1
4
PC14-
OSC32_IN
(PC14)
I/O
FT
(1)(2)
TIM1_BKIN2
OSC32_IN
A5
1
1
2
2
---
PC14-
OSC32_IN
(PC14)
I/O
FT
(1)(2)
TIM1_BKIN2
OSC32_IN,OSC_IN
B5
2
2
3
3
3
B1
5
PC15-
OSC32_OUT
(PC15)
I/O
FT
(1)(2)
OSC32_EN, OSC_EN,
TIM15_BKIN
OSC32_OUT
-
-
-
-
-
4
D3
6
VBAT
S
-
-
-
-
-
-
-
-
-
5
D2
7
VREF+
S
-
-
-
VREF_OUT
C5 3
3
4
4
6
D1
8
VDD/VDDA
S
-
-
-
-
D5 4
4
5
5
7
E1
9
VSS/VSSA
S
-
-
-
-
--
-
-
-
8
F1 10
PF0-OSC_IN
(PF0)
I/O
FT
-
TIM14_CH1
OSC_IN
--
-
-
-
9 G1 11
PF1-
OSC_OUT
(PF1)
I/O
FT
-
OSC_EN, TIM15_CH1N
OSC_OUT
E5
5
5
6
6
10 E2 12
PF2 - NRST
I/O
FT
-
MCO
NRST
-
-
-
-
-
-
E3 13
PC0
I/O
FT
-
LPTIM1_IN1,
LPUART1_RX, LPTIM2_IN1
-
-
-
-
-
-
-
F2 14
PC1
I/O
FT
-
LPTIM1_OUT,
LPUART1_TX, TIM15_CH1
-
-
-
-
-
-
-
G2 15
PC2
I/O
FT
-
LPTIM1_IN2, SPI2_MISO,
TIM15_CH2
-
-
-
-
-
-
-
H1 16
PC3
I/O
FT
-
LPTIM1_ETR, SPI2_MOSI,
LPTIM2_ETR
-
C4 6
6
7
7
11 H2 17
PA0
I/O
FT_a
-
SPI2_SCK, USART2_CTS,
TIM2_CH1_ETR,
USART4_TX, LPTIM1_OUT,
UCPD2_FRSTX,
COMP1_OUT
COMP1_INM, ADC_IN0,
TAMP_IN2,WKUP1
Table 12. Pin assignment and description (continued)
Pin Number
Pin name
(function
upon reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More