| データシートサーチシステム |
|
ISM303DAC データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ISM303DAC データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 80 page ![]() DocID030988 Rev 2 31/80 ISM303DAC Functionality 80 4.2.2 Accelerometer bandwidth The accelerometer sampling chain (Figure 7: Accelerometer sampling chain) is represented by a cascade of a few blocks: an ADC converter, a digital low-pass filter and a digital slope filter. Figure 7. Accelerometer sampling chain The digital signal is filtered by a low-pass digital filter (LPF) whose cutoff frequency depends on the selected accelerometer ODR, as shown in Table 17. Table 17. Accelerometer LPF cutoff frequency Mode ODR selection [Hz] LPF cutoff [Hz] LP 1 3200 12.5 3200 25 3200 50 3200 100 3200 200 3200 400 3200 800 3200 HR 12.5 5.5 25 11 50 22 100 44 200 88 400 177 800 355 HF 1600 710 3200 1420 6400 2840 |