データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F334C8U6TR データシート(PDF) 44 Page - STMicroelectronics

部品番号 STM32F334C8U6TR
部品情報  Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334C8U6TR データシート(HTML) 44 Page - STMicroelectronics

Back Button STM32F334C8U6TR Datasheet HTML 40Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 41Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 42Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 43Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 44Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 45Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 46Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 47Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 125 page
background image
Memory mapping
STM32F334x4 STM32F334x6 STM32F334x8
44/125
DS9994 Rev 9
5
Memory mapping
Figure 9. STM32F334x4/6/8 memory map
0xFFFF FFFF
0xE000 0000
0xC000 0000
0xA000 0000
0x8000 0000
0x6000 0000
0x4000 0000
0x2000 0000
0x0000 0000
0
1
2
3
4
5
6
7
Cortex-M4
with FPU
Internal
Peripherals
Peripherals
SRAM
CODE
Option bytes
System memory
CCM RAM
Flash memory
Flash, system
memory or SRAM,
depending on BOOT
configuration
AHB2
AHB1
APB2
APB1
0x5000 0000
0x4800 1800
0x4800 0000
0x4002 43FF
0x4002 0000
0x4001 6C00
0x4001 0000
0x4000 A000
0x4000 0000
0x1FFF FFFF
0x1FFF F800
0x1FFF D800
0x1000 1000
0x0801 0000
0x0800 0000
0x0001 0000
0x0000 0000
0x1000 0000
Reserved
MSv33150V1
AHB3
0x5000
03FF
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More