| データシートサーチシステム |
|
STM32F334C8U6TR データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F334C8U6TR データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 125 page ![]() DS9994 Rev 9 31/125 STM32F334x4 STM32F334x6 STM32F334x8 Functional overview 46 3.19 Development support 3.19.1 Serial-wire JTAG debug port (SWJ-DP) The Arm SWJ-DP Interface is embedded, and is a combined JTAG and serial wire debug port that enables either a serial wire debug or a JTAG probe to be connected to the target. The JTAG TMS and TCK pins are shared respectively with SWDIO and SWCLK and a specific sequence on the TMS pin is used to switch between JTAG-DP and SW-DP. Table 11. No. of capacitive sensing channels available on STM32F334x4/6/8 devices Analog I/O group Number of capacitive sensing channels STM32F334xRx STM32F334xCx STM32F334xKx G1 3 3 3 G2 3 3 3 G3 3 2 2 G4 3 3 3 G5 3 3 3 G6 3 3 0 Total number of capacitive sensing channels 18 17 14 |