| データシートサーチシステム |
|
STM32F334C8U6TR データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F334C8U6TR データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 125 page ![]() Functional overview STM32F334x4 STM32F334x6 STM32F334x8 28/125 DS9994 Rev 9 3.16.2 Universal synchronous / asynchronous receivers / transmitters (USARTs) The STM32F334x4/6/8 devices have three embedded universal synchronous receivers/transmitters (USART1, USART2 and USART3). The USART interfaces are able to communicate at speeds of up to 9 Mbits/s. USART1 provides hardware management of the CTS and RTS signals. It supports IrDA SIR ENDEC, the multiprocessor communication mode, the single-wire half-duplex communication mode and has LIN Master/Slave capability. All USART interfaces can be served by the DMA controller. The features available in the USART interfaces are showed below in Table 8. 3.16.3 Serial peripheral interface (SPI) A SPI interface allows to communicate up to 18 Mbits/s in slave and master modes in full- duplex and simplex communication modes. The 3-bit prescaler gives 8 master mode frequencies and the frame size is configurable from 4 bits to 16 bits. The features available in SPI1 are showed below in Table 9. Table 8. USART features USART modes/features(1) 1. X = supported. USART1 USART2 USART3 Hardware flow control for modem X X Continuous communication using DMA X X Multiprocessor communication X X Synchronous mode X X Smartcard mode X - Single-wire half-duplex communication X X IrDA SIR ENDEC block X - LIN mode X - Dual clock domain and wake up from Stop mode X - Receiver timeout interrupt X - Modbus communication X - Auto baud rate detection X - Driver Enable X X Table 9. STM32F334x4/6/8 SPI implementation SPI features(1) SPI1 Hardware CRC calculation X Rx/Tx FIFO X |