データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F334C8U6TR データシート(PDF) 12 Page - STMicroelectronics

部品番号 STM32F334C8U6TR
部品情報  Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334C8U6TR データシート(HTML) 12 Page - STMicroelectronics

Back Button STM32F334C8U6TR Datasheet HTML 8Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 9Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 10Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 11Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 12Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 13Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 14Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 15Page - STMicroelectronics STM32F334C8U6TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 125 page
background image
Description
STM32F334x4 STM32F334x6 STM32F334x8
12/125
DS9994 Rev 9
Comm.
interfaces
SPI
1
I2C1
USART
2
3
CAN
1
GPIOs
Normal I/Os (TC,
TTa)
10
20
26
5-Volt tolerant
I/Os (FT,FTf)
15
17
25
Capacitive sensing channels
14
17
18
DMA channels
7
12-bit ADCs
Number of channels
2
10
2
15
2
21
12-bit DAC channels
3
Ultra-fast analog comparator
2
3
Operational amplifiers
1
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V
Operating temperature
Ambient operating temperature: - 40 to 85 °C / - 40 to 105 °C
Junction temperature: - 40 to 125 °C
Packages
LQFP32, UFQFPN32
LQFP48, WLCSP49
LQFP64
1. This total considers also the PWMs generated on the complementary output channels.
Table 2. STM32F334x4/6/8 family device features and peripheral counts (continued)
Peripheral
STM32F334Kx
STM32F334Cx
STM32F334Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More