| データシートサーチシステム |
|
STM32F334C8U6TR データシート(PDF) 92 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F334C8U6TR データシート(HTML) 92 Page - STMicroelectronics |
|
92 / 125 page ![]() Electrical characteristics STM32F334x4 STM32F334x6 STM32F334x8 92/125 DS9994 Rev 9 10 bits 1.5 20.83 0.082 NA NA 2.5 34.72 0.270 0.082 0.100 4.5 62.50 0.560 0.390 0.330 7.5 104.17 1.20 0.82 0.68 19.5 270.83 3.30 2.70 2.20 61.5 854.17 10.0 8.2 6.8 181.5 2520.83 33.0 27.0 22.0 601.5 8354.17 100.0 82.0 68.0 8 bits 1.5 20.83 0.150 NA 0.039 2.5 34.72 0.390 0.180 0.180 4.5 62.50 0.820 0.560 0.470 7.5 104.17 1.50 1.20 1.00 19.5 270.83 3.90 3.30 2.70 61.5 854.17 12.00 12.00 8.20 181.5 2520.83 39.00 33.00 27.00 601.5 8354.17 100.00 100.00 82.00 6 bits 1.5 20.83 0.270 0.100 0.150 2.5 34.72 0.560 0.390 0.330 4.5 62.50 1.200 0.820 0.820 7.5 104.17 2.20 1.80 1.50 19.5 270.83 5.60 4.7 3.90 61.5 854.17 18.0 15.0 12.0 181.5 2520.83 56.0 47.0 39.0 601.5 8354.17 100.00 100.0 100.0 1. Data based on characterization results, not tested in production. 2. All fast channels, expect channel on PA6. 3. Channels available on PA6. Table 65. Maximum ADC RAIN(1) (continued) Resolution Sampling cycle @ 72 MHz Sampling time [ns] @ 72 MHz RAIN max. (kΩ) Fast channels(2) Slow channels Other channels(3) |