| データシートサーチシステム |
|
SC3200 データシート(PDF) 48 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
SC3200 データシート(HTML) 48 Page - Advanced Micro Devices |
|
48 / 447 page ![]() 48 AMD Geode™ SC3200 Processor Data Book Signal Definitions Revision 5.1 L29 GPIO35 I/O (PU22.5) INPCI, OPCI VIO PMR[14]4 = 0 and PMR[22]4 = 0 LAD3 I/O (PU22.5) INPCI, OPCI PMR[14]4 = 1 and PMR[22]4 = 1 L30 GPIO34 I/O (PU22.5) INPCI, OPCI VIO PMR[14]4 = 0 and PMR[22]4 = 0 LAD2 I/O (PU22.5) INPCI, OPCI PMR[14]4 = 1 and PMR[22]4 = 1 L31 GPIO33 I/O (PU22.5) INPCI, OPCI VIO PMR[14]4 = 0 and PMR[22]4 = 0 LAD1 I/O (PU22.5) INPCI, OPCI PMR[14]4 = 1 and PMR[22]4 = 1 M1 VSS GND --- --- --- M2 AD7 I/O INPCI, OPCI VIO Cycle Multiplexed A7 O OPCI M3 VIO PWR --- --- --- M4 AD8 I/O INPCI, OPCI VIO Cycle Multiplexed A8 O OPCI M28 GPIO32 I/O (PU22.5) INPCI, OPCI VIO PMR[14]4 = 0 and PMR[22]4 = 0 LAD0 I/O (PU22.5) INPCI, OPCI PMR[14]4 = 1 and PMR[22]4 = 1 M29 GPIO13 I/O (PU22.5) INAB, O8/8 VIO PMR[19] = 0 AB2D I/O (PU22.5) INAB, OD8 VIO PMR[19] = 1 M30 VIO PWR --- --- --- M31 VSS GND --- --- --- N1 AD3 I/O INPCI, OPCI VIO Cycle Multiplexed A3 O OPCI N2 AD6 I/O INPCI, OPCI VIO Cycle Multiplexed A6 O OPCI N3 AD5 I/O INPCI, OPCI VIO Cycle Multiplexed A5 O OPCI N4 VSS GND --- --- --- N13 VCORE PWR --- --- --- N14 VCORE PWR --- --- --- N15 VSS GND --- --- --- N16 VSS GND --- --- --- N17 VSS GND --- --- --- N18 VCORE PWR --- --- --- N19 VCORE PWR --- --- --- N28 VSS GND --- --- --- Ball No. Signal Name I/O (PU/PD) Buffer1 Type Power Rail Configuration N29 GPIO12 I/O (PU22.5) INAB, O8/8 VIO PMR[19] = 0 AB2C I/O (PU22.5) INAB, OD8 PMR[19] = 1 N30 AB1D I/O (PU22.5) INAB, OD8 VIO PMR[23]3 = 0 GPIO1 I/O (PU22.5) INT, O3/ 5 PMR[23]3 = 1 and PMR[13] = 0 IOCS1# O O3/5 PMR[23]3 = 1 and PMR[13] = 1 N31 AB1C I/O (PU22.5) INAB, OD8 VIO PMR[23]3 = 0 GPIO20 I/O (PU22.5) INT, O3/ 5 PMR[23]3 = 1 and PMR[7] = 0 DOCCS# O O3/5 PMR[23]3 = 1 and PMR[7] = 1 P1 AD4 I/O INPCI, OPCI VIO Cycle Multiplexed A4 O OPCI P2 IDE_CS1# O O1/4 VIO PMR[24] = 0 TFTDE O O1/4 PMR[24] = 1 P3 AD1 I/O INPCI, OPCI VIO Cycle Multiplexed A1 O OPCI P4 VCORE PWR --- --- --- P13 VCORE PWR --- --- --- P14 VCORE PWR --- --- --- P15 VSS GND --- --- --- P16 VSS GND --- --- --- P17 VSS GND --- --- --- P18 VCORE PWR --- --- --- P19 VCORE PWR --- --- --- P28 VCORE PWR --- --- --- P29 SDATA_OUT O OAC97 VIO --- TFT_PRSNT I (PD100) INSTRP VIO Strap (See Table 3- 6 on page 58.) P30 SYNC O OAC97 VIO --- CLKSEL3 I (PD100) INSTRP Strap (See Table 3- 6 on page 58.) P31 AC97_CLK O O2/5 VIO PMR[25] = 1 R1 VSS GND --- --- --- R2 VSS GND --- --- --- R3 VSS GND --- --- --- R4 VSS GND --- --- --- R13 VSS GND --- --- --- R14 VSS GND --- --- --- R15 VSS GND --- --- --- R16 VSS GND --- --- --- R17 VSS GND --- --- --- Ball No. Signal Name I/O (PU/PD) Buffer1 Type Power Rail Configuration Table 3-4. 481-TEPBGA Ball Assignment - Sorted by Ball Number (Continued) |