| データシートサーチシステム |
|
SC3200 データシート(PDF) 89 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
SC3200 データシート(HTML) 89 Page - Advanced Micro Devices |
|
89 / 447 page ![]() AMD Geode™ SC3200 Processor Data Book 89 General Configuration Block Revision 5.1 26 Reserved. Always write 0. 25 AC97CKEN (Enable AC97_CLK Output). This bit enables the output drive of AC97_CLK (EBGA ball AJ14 / TEPBGA ball P31). 0: AC97_CLK output is HiZ. 1: AC97_CLK output is enabled. 24 TFTIDE (TFT/IDE). Determines whether certain balls are used for TFT signals or for IDE signals. Note that there are no additional dependencies. Ball # 0: IDE Signals 1: GPIO and TFT Signals EBGA / TEPBGA Name Name A26 / AD3 IDE_ADDR0 TFTD3 C26 / AE1 IDE_ADDR1 TFTD2 C17 / U2 IDE_ADDR2 TFTD4 B24 / AC3 IDE_DATA0 TFTD6 A24 / AC1 IDE_DATA1 TFTD16 D23 / AC2 IDE_DATA2 TFTD14 C23 / AB4 IDE_DATA3 TFTD12 B23 / AB1 IDE_DATA4 FP_VDD_ON A23 / AA4 IDE_DATA5 CLK27M C22 / AA3 IDE_DATA6 IRQ9 B22 / AA2 IDE_DATA7 INTD# A21 / Y3 IDE_DATA8 GPIO40 C20 / Y2 IDE_DATA9 DDC_SDA A20 / Y1 IDE_DATA10 DDC_SCL C19 / W4 IDE_DATA11 GPIO41 B19 / W3 IDE_DATA12 TFTD13 A19 / V3 IDE_DATA13 TFTD15 C18 / V2 IDE_DATA14 TFTD17 B18 / V1 IDE_DATA15 TFTD7 A27 / AF2 IDE_CS0# TFTD5 C16 / P2 IDE_CS1# TFTDE C21 / Y4 IDE_IOR0# TFTD10 D24 / AD2 IDE_IOW0# TFTD9 C24 / AC4 IDE_DREQ0 TFTD8 C25 / AD4 IDE_DACK0# TFTD0 A22 / AA1 IDE_RST# TFTDCK A25 / AD1 IDE_IORDY0 TFTD11 D25 / AF1 IRQ14 TFTD1 Table 4-2. Multiplexing, Interrupt Selection, and Base Address Registers (Continued) Bit Description |