| データシートサーチシステム |
|
P5021 データシート(PDF) 91 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 データシート(HTML) 91 Page - NXP Semiconductors |
|
91 / 155 page ![]() Electrical characteristics P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Freescale Semiconductor 91 This figure shows the AC timing diagram of the local bus interface. Figure 24. Enhanced local bus signals Figure 25 applies to all three controllers that eLBC supports: GPCM, UPM, and FCM. For input signals, the local bus AC timing data is used directly for all three controllers. For output signals, each type of controller provides its own unique method to control the signal timing. The final signal delay value for output signals is the programmed delay plus the AC timing delay. For example, for GPCM, LCS can be programmed to delay by tacs (0, ¼, ½, 1, 1 + ¼, 1 + ½, 2, 3 cycles), so the final delay is tacs + tLBKLOV. Output Signals tLBKLOX LCLK[m] Input Signals LALE tLBIXKH tLBIVKH tLBIVKL tLBIXKL Input Signal tLBONOT (LGTA/LUPWAIT/LFRB) (Except LGTA/LUPWAIT/LFRB) (Except LALE) LAD (address phase) LAD/LDP (data phase) tLBKLOZ tLBKLOV |