| データシートサーチシステム |
|
P5021 データシート(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 データシート(HTML) 14 Page - NXP Semiconductors |
|
14 / 155 page ![]() P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Pin assignments and reset states Freescale Semiconductor 14 D2_MDQ21 Data A2 I/O GVDD — D2_MDQ22 Data D1 I/O GVDD — D2_MDQ23 Data D2 I/O GVDD — D2_MDQ24 Data F4 I/O GVDD — D2_MDQ25 Data F5 I/O GVDD — D2_MDQ26 Data H4 I/O GVDD — D2_MDQ27 Data H6 I/O GVDD — D2_MDQ28 Data E4 I/O GVDD — D2_MDQ29 Data E3 I/O GVDD — D2_MDQ30 Data H3 I/O GVDD — D2_MDQ31 Data H1 I/O GVDD — D2_MDQ32 Data AG4 I/O GVDD — D2_MDQ33 Data AG2 I/O GVDD — D2_MDQ34 Data AJ3 I/O GVDD — D2_MDQ35 Data AJ1 I/O GVDD — D2_MDQ36 Data AF4 I/O GVDD — D2_MDQ37 Data AF3 I/O GVDD — D2_MDQ38 Data AH1 I/O GVDD — D2_MDQ39 Data AJ4 I/O GVDD — D2_MDQ40 Data AL6 I/O GVDD — D2_MDQ41 Data AL5 I/O GVDD — D2_MDQ42 Data AN4 I/O GVDD — D2_MDQ43 Data AN5 I/O GVDD — D2_MDQ44 Data AK5 I/O GVDD — D2_MDQ45 Data AK4 I/O GVDD — D2_MDQ46 Data AM6 I/O GVDD — D2_MDQ47 Data AM7 I/O GVDD — D2_MDQ48 Data AN1 I/O GVDD — D2_MDQ49 Data AP3 I/O GVDD — D2_MDQ50 Data AT1 I/O GVDD — D2_MDQ51 Data AT2 I/O GVDD — D2_MDQ52 Data AM1 I/O GVDD — D2_MDQ53 Data AN2 I/O GVDD — D2_MDQ54 Data AR3 I/O GVDD — Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |