データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8347ECVRADDB データシート(PDF) 63 Page - NXP Semiconductors

部品番号 MPC8347ECVRADDB
部品情報  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8347ECVRADDB データシート(HTML) 63 Page - NXP Semiconductors

Back Button MPC8347ECVRADDB Datasheet HTML 59Page - NXP Semiconductors MPC8347ECVRADDB Datasheet HTML 60Page - NXP Semiconductors MPC8347ECVRADDB Datasheet HTML 61Page - NXP Semiconductors MPC8347ECVRADDB Datasheet HTML 62Page - NXP Semiconductors MPC8347ECVRADDB Datasheet HTML 63Page - NXP Semiconductors MPC8347ECVRADDB Datasheet HTML 64Page - NXP Semiconductors MPC8347ECVRADDB Datasheet HTML 65Page - NXP Semiconductors MPC8347ECVRADDB Datasheet HTML 66Page - NXP Semiconductors MPC8347ECVRADDB Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
63
Package and Pin Listings
IRQ[6]/GPIO2[18]/CKSTOP_OUT
A21
I/O
OVDD
—
IRQ[7]/GPIO2[19]/CKSTOP_IN
C20
I/O
OVDD
—
Ethernet Management Interface
EC_MDC
A7
O
LVDD1
—
EC_MDIO
E9
I/O
LVDD1
12
Gigabit Reference Clock
EC_GTX_CLK125
C8
I
LVDD1
—
Three-Speed Ethernet Controller (Gigabit Ethernet 1)
TSEC1_COL/GPIO2[20]
A17
I/O
OVDD
—
TSEC1_CRS/GPIO2[21]
F12
I/O
LVDD1
—
TSEC1_GTX_CLK
D10
O
LVDD1
3
TSEC1_RX_CLK
A11
I
LVDD1
—
TSEC1_RX_DV
B11
I
LVDD1
—
TSEC1_RX_ER/GPIO2[26]
B17
I/O
OVDD
—
TSEC1_RXD[7:4]/GPIO2[22:25]
B16, D16, E16, F16
I/O
OVDD
—
TSEC1_RXD[3:0]
E10, A8, F10, B8
I
LVDD1
—
TSEC1_TX_CLK
D17
I
OVDD
—
TSEC1_TXD[7:4]/GPIO2[27:30]
A15, B15, A14, B14
I/O
OVDD
—
TSEC1_TXD[3:0]
A10, E11, B10, A9
O
LVDD1
11
TSEC1_TX_EN
B9
O
LVDD1
—
TSEC1_TX_ER/GPIO2[31]
A16
I/O
OVDD
—
Three-Speed Ethernet Controller (Gigabit Ethernet 2)
TSEC2_COL/GPIO1[21]
C14
I/O
OVDD
—
TSEC2_CRS/GPIO1[22]
D6
I/O
LVDD2
—
TSEC2_GTX_CLK
A4
O
LVDD2
—
TSEC2_RX_CLK
B4
I
LVDD2
—
TSEC2_RX_DV/GPIO1[23]
E6
I/O
LVDD2
—
TSEC2_RXD[7:4]/GPIO1[26:29]
A13, B13, C13, A12
I/O
OVDD
—
TSEC2_RXD[3:0]/GPIO1[13:16]
D7, A6, E8, B7
I/O
LVDD2
—
TSEC2_RX_ER/GPIO1[25]
D14
I/O
OVDD
—
TSEC2_TXD[7]/GPIO1[31]
B12
I/O
OVDD
—
TSEC2_TXD[6]/DR_XCVR_TERM_SEL
C12
O
OVDD
—
TSEC2_TXD[5]/DR_UTMI_OPMODE1
D12
O
OVDD
—
TSEC2_TXD[4]/DR_UTMI_OPMODE0
E12
O
OVDD
—
Table 55. MPC8347EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99