| データシートサーチシステム |
|
MMPF0200Z データシート(PDF) 93 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0200Z データシート(HTML) 93 Page - NXP Semiconductors |
|
93 / 118 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 93 PF0200Z Functional Block Requirements and Behaviors Control Interface I2C Block Description Table 109. Register INTSENSE3 - ADDR 0x10 Name Bit # R/W Default Description SWBSTFAULTS 0 R 0 SWBST overcurrent limit sense bit 0 = Normal operation 1 = Above current limit UNUSED 6:1 – 0x00 Unused OTP_ECCS 7 R 0 OTP error sense bit 0 = No error detected 1 = OTP error detected Table 110. Register INTSTAT4 - ADDR 0x11 Name Bit # R/W Default Description VGEN1FAULTI 0 R/W1C 0 VGEN1 Overcurrent interrupt bit VGEN2FAULTI 1 R/W1C 0 VGEN2 Overcurrent interrupt bit VGEN3FAULTI 2 R/W1C 0 VGEN3 Overcurrent interrupt bit VGEN4FAULTI 3 R/W1C 0 VGEN4 Overcurrent interrupt bit VGEN5FAULTI 4 R/W1C 0 VGEN5 Overcurrent interrupt bit VGEN6FAULTI 5 R/W1C 0 VGEN6 Overcurrent interrupt bit UNUSED 7:6 – 00 Unused Table 111. Register INTMASK4 - ADDR 0x12 Name Bit # R/W Default Description VGEN1FAULTM 0 R/W 1 VGEN1 Overcurrent interrupt mask bit VGEN2FAULTM 1 R/W 1 VGEN2 Overcurrent interrupt mask bit VGEN3FAULTM 2 R/W 1 VGEN3 Overcurrent interrupt mask bit VGEN4FAULTM 3 R/W 1 VGEN4 Overcurrent interrupt mask bit VGEN5FAULTM 4 R/W 1 VGEN5 Overcurrent interrupt mask bit VGEN6FAULTM 5 R/W 1 VGEN6 Overcurrent interrupt mask bit UNUSED 7:6 – 00 Unused Table 112. Register INTSENSE4 - ADDR 0x13 Name Bit # R/W Default Description VGEN1FAULTS 0 R 0 VGEN1 Overcurrent sense bit 0 = Normal operation 1 = Above current limit VGEN2FAULTS 1 R 0 VGEN2 Overcurrent sense bit 0 = Normal operation 1 = Above current limit VGEN3FAULTS 2 R 0 VGEN3 Overcurrent sense bit 0 = Normal operation 1 = Above current limit VGEN4FAULTS 3 R 0 VGEN4 Overcurrent sense bit 0 = Normal operation 1 = Above current limit |