| データシートサーチシステム |
|
MMPF0200Z データシート(PDF) 102 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0200Z データシート(HTML) 102 Page - NXP Semiconductors |
|
102 / 118 page ![]() Analog Integrated Circuit Device Data 102 Freescale Semiconductor PF0200Z Functional Block Requirements and Behaviors Control Interface I2C Block Description E3 OTP PU CONFIG XOR R 8'b000x_xxxx –– – PWRON_CFG _XOR SWDVS_CLK3_XOR SEQ_CLK_SPEED_XOR 00 0 x x x x x E4(70) OTP FUSE POR1 R/W 8'b0000_00x0 TBB_POR SOFT_FUSE _POR –– – – FUSE_POR1 – 00 0 0 00 x0 E5(70) OTP FUSE POR1 R/W 8'b0000_00x0 RSVD RSVD – – – – FUSE_POR2 – 00 0 0 00 x0 E6(70) OTP FUSE POR1 R/W 8'b0000_00x0 RSVD RSVD – – – – FUSE_POR3 – 00 0 0 00 x0 E7 OTP FUSE POR XOR R 8'b0000_00x0 RSVD RSVD – – – – FUSE_POR_ XOR – 00 0 0 00 x0 E8 OTP PWRGD EN R/W/M 8'b0000_000x –– – – ––– OTP_PG_EN 00 0 0 00 x0 F0 OTP EN ECCO R/W 8'b000x_xxxx –– – EN_ECC_ BANK5 EN_ECC_ BANK4 EN_ECC_ BANK3 EN_ECC_ BANK2 EN_ECC_ BANK1 00 0 x x x x x F1 OTP EN ECC1 R/W 8'b000x_xxxx –– – EN_ECC_ BANK10 EN_ECC_ BANK9 EN_ECC_ BANK8 EN_ECC_ BANK7 EN_ECC_ BANK6 00 0 x x x x x F4 OTP SPARE2_4 R/W 8'b0000_xxxx –– – – RSVD 00 0 0 x x x x F5 OTP SPARE4_3 R/W 8'b0000_0xxx –– – – – RSVD 00 0 0 0 x x x F6 OTP SPARE6_2 R/W 8'b0000_00xx –– – – –– RSVD 00 0 0 00 x x F7 OTP SPARE7_1 R/W 8'b0000_0xxx –– – – – – – RSVD 00 0 0 0 x x x FE OTP DONE R/W 8'b0000_000x –– – – ––– OTP_DONE 00 0 0 000x FF OTP I2C ADDR R/W 8'b0000_0xxx –– – – I2C_SLV ADDR[3] I2C_SLV ADDR[2:0] 00 0 0 1 x x x Notes 70. In PF0200Z It is required to set all of the FUSE_PORx bits to be able to load the fuses. Table 121. Extended Page 1 (continued) Address Register Name TYPE Default BITS[7:0] 7 6 5 4 3 2 1 0 |