| データシートサーチシステム |
|
AS3955 データシート(PDF) 63 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955 データシート(HTML) 63 Page - ams AG |
|
63 / 102 page ![]() ams Datasheet Page 63 [v1-04] 2016-Feb-03 Document Feedback AS3955 − Detailed Description Figure 64: Reading an EEPROM Block over SPI Loading Transmission Data into Buffer Loading the transmitting data into the buffer is similar to writing data into an addressable registers. Difference is that in case of loading more bytes all bytes go to the buffer. The command mode code 100b indicates buffer write operation. A bit stream of 32 bytes of data can be transferred. The following figure shows how to load the transmission data into the buffer. Figure 65: Loading Data into Buffer over SPI 01 1 1 1 1 1 1 W A 4 W A 3 W A 2 W A 1 W A 0 x W A 6 W A 5 X MSB Byte from Address <WA6-WA0> /SS SCLK MOSI X B 2 9 B 2 8 B 2 7 B 2 6 B 2 5 B 2 4 B 3 1 B 3 0 B 2 3 B 2 2 B 5 B 4 B 3 B 2 B 1 B 0 B 7 B 6 B 9 B 8 XX LSB Byte from Address <WA6-WA0> X MISO 1µs min /SS SCLK MOSI 10 0 x x x x x 1 to 32 bytes X SCLK rising edge Data is transfered from µC SCLK falling edge Data is sampled /SS rising edge signals end of COMMAND Mode 10 pattern indicates FIFO mode X Start of payload Data |