| データシートサーチシステム |
|
AS3955 データシート(PDF) 32 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955 データシート(HTML) 32 Page - ams AG |
|
32 / 102 page ![]() Page 32 ams Datasheet Document Feedback [v1-04] 2016-Feb-03 AS3955 − Detailed Description Fabrication Data FAB_CFG1 Figure 30: Fabrication Data FAB_CFG1 Note(s): 1. This byte can be set only during production. The fdel bits define frame delay time (FDT) adjustment and represent a time compensation in number of clocks of carrier frequency. The osct bits are trimming bits for the internal oscillator. Fabrication Data FAB_CFG2 Figure 31: Fabrication Data FAB_CFG2 Note(s): 1. This byte can be set only during production. Conf. Bit Name Default Function Note b7 fdel<3> 0 PCD to PICC frame delay time compensation; frame compensation defined as fdel*1/fc b6 fdel<2> 0 b5 fdel<1> 0 b4 fdel<0> 0 b3 osct<1> 0 Oscillator trimming bits b2 osct<0> 0 b1 decc<1> 0 Decoder compensation register b0 decc<0> 0 Conf. Bit Name Default Function Note b7 test_mode 0 b6 mod_r 0 1: decreased modulator switch resistance b5 miso_pd2 0 1: pull down on MISO, when \SS is low and MISO is not driven by the AS3955 b4 miso_pd1 0 1: pull down on MISO when \SS is high b3 rfu 0 b2 rfu 0 b1 rfu 0 b0 rfu 0 |