| データシートサーチシステム |
|
AS3955 データシート(PDF) 68 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955 データシート(HTML) 68 Page - ams AG |
|
68 / 102 page ![]() Page 68 ams Datasheet Document Feedback [v1-04] 2016-Feb-03 AS3955 − Detailed Description Writing Data to Addressable Registers (Register Write Mode) Following figures show cases of writing a single byte and writing multiple bytes with auto-incrementing address. After the I²C slave address, the initial register address follows. Then one or more data bytes are transferred from the I²C, MSB first. The data byte is written in register on falling edge of its last clock. Figure 73: Writing a Single Register over I²C Figure 74: Writing Register Data with Auto-Incrementing Address over I²C 0 0 0 0 A 6 A 5 A 4 A 3 A 2 A 1 A 0 R 4 R 3 R 2 R 1 A C K P S Slave address D 7 D 6 D 5 D 4 D 3 D 2 R 1 A C K D 1 D 0 Data Mode Byte SCL SDA A C K 0 0 0 A 6 A 5 A 4 A 3 A 2 A 1 A 0 0 R 4 R 3 R 2 R 1 A C K P S Data is moved to Address <R4-R0> + n Slave address D 7 D 6 D 5 D 4 D 3 D 2 R 1 A C K D 1 D 0 D 3 D 2 D 1 D 0 A C K D 5 D 4 D 7 D 6 Data is moved to Address <R4-R0> + 0 Mode Byte SCL SDA A C K |