| データシートサーチシステム |
|
STM8L151C2 データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C2 データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 123 page ![]() Pinout and pin description STM8L151x2, STM8L151x3 30/123 DS7204 Rev 11 34 22 - - - PD5/ ADC1_IN9/ COMP1_INP I/O - X XX HS X X Port D5 ADC1_IN9/ Comparator1 positive input 35 23 - - - PD6/ADC1_IN8/ RTC_CALIB/ COMP1_INP I/O - X XX HS X X Port D6 ADC1_IN8 / RTC calibration/ Comparator1 positive input 36 24 - - - PD7 /ADC1_IN7/ RTC_ALARM/ COMP1_INP I/O - X XX HS X X Port D7 ADC1_IN7/RTC alarm/ Comparator1 positive input 14 -- -- PE0 I/O - X XX HS X X Port E0 - 15 -- -- PE1 I/O - X XX HS X X Port E1 - 16 -- -- PE2 I/O - X XX HS X X Port E2 - 17 - - - - PE3/ADC1_IN26 I/O - X XX HS X X Port E3 ADC1_IN26 18 - - - - PE4/ADC1_IN27 I/O - X XX HS X X Port E4 ADC1_IN27 19 -- -- PE5/ADC1_IN23/ COMP1_INP/ COMP2_INP I/O - X XX HS X X Port E5 ADC1_IN23/ Comparator 1 positive input/Comparator 2 positive input 47 - - - - PE6/PVD_IN I/O - X XX HS X X Port E6 PVD_IN 48 - - - - PE7/ADC1_IN25 I/O - X XX HS X X Port E7 ADC1_IN25 32 - - - - PF0/ADC1_IN24 I/O - X XX HS X X Port F0 ADC1_IN24 10 -- -- VDD S - - - - - - - Digital supply voltage - 875 8 VDD /VDDA / VREF+ S- - - - - - - Digital supply voltage / ADC1 positive voltage reference 9 764 7 VSS / VREF- / VSSA S- - - - - - - Ground voltage / ADC1 negative voltage reference / Analog ground voltage 11 -- -- VDDA S - - - - - - - Analog supply voltage 12 -- -- VREF+ S- - - - - - - ADC1 positive voltage reference 13 - - - - Reserved - - - - - - - - Pin not connected Table 4. Low-density STM8L151x2/3 pin description (continued) Pin number Pin name Input Output Default alternate function |