データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC7410EC データシート(PDF) 4 Page - NXP Semiconductors

部品番号 MPC7410EC
部品情報  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410EC データシート(HTML) 4 Page - NXP Semiconductors

  MPC7410EC Datasheet HTML 1Page - NXP Semiconductors MPC7410EC Datasheet HTML 2Page - NXP Semiconductors MPC7410EC Datasheet HTML 3Page - NXP Semiconductors MPC7410EC Datasheet HTML 4Page - NXP Semiconductors MPC7410EC Datasheet HTML 5Page - NXP Semiconductors MPC7410EC Datasheet HTML 6Page - NXP Semiconductors MPC7410EC Datasheet HTML 7Page - NXP Semiconductors MPC7410EC Datasheet HTML 8Page - NXP Semiconductors MPC7410EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
4
Freescale Semiconductor
Features
•
Decode
— Register file access
— Forwarding control
— Partial instruction decode
•
Completion
— Eight-entry completion buffer
— Instruction tracking and peak completion of two instructions per cycle
— Completion of instructions in program order while supporting out-of-order instruction execution,
completion serialization, and all instruction flow changes
•
Fixed point units (FXUs) that share 32 GPRs for integer operands
— Fixed point unit 1 (FXU1)—multiply, divide, shift, rotate, arithmetic, logical
— Fixed point unit 2 (FXU2)—shift, rotate, arithmetic, logical
— Single-cycle arithmetic, shifts, rotates, logical
— Multiply and divide support (multi-cycle)
— Early out multiply
•
Three-stage floating-point unit and a 32-entry FPR file
— Support for IEEE Std 754™ single- and double-precision floating-point arithmetic
— Three-cycle latency, one-cycle throughput (single- or double-precision)
— Hardware support for divide
— Hardware support for denormalized numbers
— Time deterministic non-IEEE mode
•
System unit
— Executes CR logical instructions and miscellaneous system instructions
— Special register transfer instructions
•
AltiVec unit
— Full 128-bit data paths
— Two dispatchable units: vector permute unit and vector ALU unit.
— Contains its own 32-entry, 128-bit vector register file (VRF) with 6 renames
— The vector ALU unit is further subdivided into the vector simple integer unit (VSIU), the vector
complex integer unit (VCIU), and the vector floating-point unit (VFPU).
— Fully pipelined
•
Load/store unit
— One-cycle load or store cache access (byte, half word, word, double word)
— Two-cycle load latency with 1-cycle throughput
— Effective address generation
— Hits under misses (multiple outstanding misses)
— Single-cycle unaligned access within double-word boundary
— Alignment, zero padding, sign extend for integer register file
— Floating-point internal format conversion (alignment, normalization)
— Sequencing for load/store multiples and string operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56