データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MBT3904T データシート(PDF) 2 Page - AiT Semiconductor Inc.

部品番号 MBT3904T
部品情報  SWITCHING TRANSISTOR NPN TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AITSEMI [AiT Semiconductor Inc.]
ホームページ  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

MBT3904T データシート(HTML) 2 Page - AiT Semiconductor Inc.

  MBT3904T Datasheet HTML 1Page - AiT Semiconductor Inc. MBT3904T Datasheet HTML 2Page - AiT Semiconductor Inc. MBT3904T Datasheet HTML 3Page - AiT Semiconductor Inc. MBT3904T Datasheet HTML 4Page - AiT Semiconductor Inc. MBT3904T Datasheet HTML 5Page - AiT Semiconductor Inc. MBT3904T Datasheet HTML 6Page - AiT Semiconductor Inc. MBT3904T Datasheet HTML 7Page - AiT Semiconductor Inc. MBT3904T Datasheet HTML 8Page - AiT Semiconductor Inc. MBT3904T Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
MBT3904T
SWITCHING TRANSISTOR
NPN TRANSISTOR
REV1.0
- MAY 2017 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
VCEO, Collector-Emitter Voltage
40Vdc
VCBO , Collector-Base Voltage
60Vdc
VEBO, Emitter-Base Voltage
6.0Vdc
IC, Collector Current-Continuous
200mAdc
Parameter
Symbol
Max
Unit
Total Device Dissipation FR– 4 Board,NOTE1
TA = 25°C
Derate above 25°C
PD
200
1.6
mW
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
600
°C/W
Total Device Dissipation FR-4 Board, NOTE2
TA = 25°C
Derate above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
400
°C/W
Junction and Storage Temperature
TJ, TSTG
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com