データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 26 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 26 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 22Page - STMicroelectronics L9908 Datasheet HTML 23Page - STMicroelectronics L9908 Datasheet HTML 24Page - STMicroelectronics L9908 Datasheet HTML 25Page - STMicroelectronics L9908 Datasheet HTML 26Page - STMicroelectronics L9908 Datasheet HTML 27Page - STMicroelectronics L9908 Datasheet HTML 28Page - STMicroelectronics L9908 Datasheet HTML 29Page - STMicroelectronics L9908 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 153 page
background image
5.3
Device operation state machine
Figure 11. Device operational state machine
Where:
1.
RESET MODE
Internal supply and reference voltage/currents levels are degraded or shutdown. Main logic is under reset
(INT_RST = ’0’, Internal signal). All functions are disabled:
–
Gate Driver Supply stage and Half Bridge Gate Drivers stage are shutdown (SAFE-HIZ)
–
Current Monitors chains and monitoring units are shutdown
–
SPI Read/Write operations are not available
The device persists in this state as long as INT_RST=’0’ (Internal signal).
L9908
Device operation state machine
DS13546 - Rev 3
page 26/153