データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9966 データシート(PDF) 75 Page - STMicroelectronics

部品番号 L9966
部品情報  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 データシート(HTML) 75 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 71Page - STMicroelectronics L9966 Datasheet HTML 72Page - STMicroelectronics L9966 Datasheet HTML 73Page - STMicroelectronics L9966 Datasheet HTML 74Page - STMicroelectronics L9966 Datasheet HTML 75Page - STMicroelectronics L9966 Datasheet HTML 76Page - STMicroelectronics L9966 Datasheet HTML 77Page - STMicroelectronics L9966 Datasheet HTML 78Page - STMicroelectronics L9966 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 122 page
background image
16.2
DEV_V
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
-
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Address:
0b0000_0010
Description:
Device version register
Table 53. DEV_V register bit description
Range
Field name/description
Reset Value
Reset Event
[15] Parity
Default
[14:8] Reserved
0
PORn
[7:0]
VER_ID_[7:0]
Device Version ID
It is incremented for each minor change in the same hardware revision
n
n= 1 for xA, n=2 for xB
PORn
L9966
DEV_V
DS12459 - Rev 10
page 75/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More