データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9966 データシート(PDF) 91 Page - STMicroelectronics

部品番号 L9966
部品情報  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 データシート(HTML) 91 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 87Page - STMicroelectronics L9966 Datasheet HTML 88Page - STMicroelectronics L9966 Datasheet HTML 89Page - STMicroelectronics L9966 Datasheet HTML 90Page - STMicroelectronics L9966 Datasheet HTML 91Page - STMicroelectronics L9966 Datasheet HTML 92Page - STMicroelectronics L9966 Datasheet HTML 93Page - STMicroelectronics L9966 Datasheet HTML 94Page - STMicroelectronics L9966 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 122 page
background image
16.12
GTM_TO_SENT_ROUTE_1_2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Address:
0b0011_0100
Description:
GTM to SENT configuration for channel 1 and 2
Table 64. GTM_TO_SENT_ROUTE_1_2 register bit description
Range
Field name/description
Reset Value
Reset Event
[15] Parity
Default
[14] RESERVED
0
PORn
[13:12] AN_FIL
Analog filter selection
0: Slow
1: Fast
0 (RSENT_2=0), 1 (RSENT_2=1);
0 (RSENT_1=0), 1 (RSENT_1=1);
PORn
RSTn
[11:10] DIG_BP
Bypass of all digital elaboration
0: Off
1: On
0
PORn
RSTn
[9:8] 20kPU
Passive 20k pull-up selected
0: Off
1: On
0
PORn
RSTn
[7:4] SENT2_GTM_ROUTE
0000: No channel (HiZ)
0001: Channel 1
….
1111: Channel 15
0000
PORn
RSTn
[3:0] SENT1_GTM_ROUTE
0000: No channel (HiZ)
0001: Channel 1
….
1111: Channel 15
0000
PORn
RSTn
L9966
GTM_TO_SENT_ROUTE_1_2
DS12459 - Rev 10
page 91/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More