データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9966 データシート(PDF) 89 Page - STMicroelectronics

部品番号 L9966
部品情報  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 データシート(HTML) 89 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 85Page - STMicroelectronics L9966 Datasheet HTML 86Page - STMicroelectronics L9966 Datasheet HTML 87Page - STMicroelectronics L9966 Datasheet HTML 88Page - STMicroelectronics L9966 Datasheet HTML 89Page - STMicroelectronics L9966 Datasheet HTML 90Page - STMicroelectronics L9966 Datasheet HTML 91Page - STMicroelectronics L9966 Datasheet HTML 92Page - STMicroelectronics L9966 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 122 page
background image
•
in case LSF_MD_x=1 default configuration is 250 μA PU VDD5
•
in case LSF_MD_x=0 default configuration is HiZ.
L9966
DWT_VOLT_SRC_LSF_CTRL
DS12459 - Rev 10
page 89/122