| データシートサーチシステム |
|
LCR1210-R100F データシート(PDF) 28 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
LCR1210-R100F データシート(HTML) 28 Page - Skyworks Solutions Inc. |
|
28 / 59 page ![]() Si32260/1 28 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021 Table 15. Low Cost Quasi Ćuk (LCQC) DC-DC Converter Bill of Materials—Top Level Reference Description Mfr Part Number Manufacturer C2 (NI) 10UF, 6.3V, 20%, X5R, 0603 C0603X5R6R3-106M Venkel C3 10UF, 6.3V, 20%, X5R, 0603 C0603X5R6R3-106M Venkel C4 C5 C6 C100 C106 C200 C206 0.1UF, 10V,10%, X7R, 0402 C0402X7R100-104K Venkel C105 C205 0.1UF, 250V, 10%, X7T, 0805 C2012X7T2E104K Tdk Corporation C101 C102 C103 C104 C201 C202 C203 C204 .01UF, 200V, 10%, X7R, 0805 C0805X7R201-103K Venkel R107 R108 R207 R208 110K 1% CR0402-16W-1103F Venkel R14 49.9K, 1/16W, 0.5%, 0603 CR0603-16W-4992D Venkel R9 R10 10K, 1/16W, 5%, 0402 CR0402-16W-103J Venkel R100 R200 1.65M, 1/10W, 1%, 0805 CR0805-10W-1654F Venkel R105 R106 R205 R206 1.47M, 1/8W, 1%, 1206 CR1206-8W-1474F Venkel R103 R104 R203 R204 1K, 1/16W, 1%, 0402 CR0402-16W-1001F Venkel R101 R102 R201 R202 681K, 1/10W, 1%, 0805 CR0805-10W-6813F Venkel R17 267K, 1/16W, 1%, 0402 CR0402-16W-2673F Venkel D3 D4 BAS21HT1 BAS21HT1 On Semi J1 J2 RJ-11 5555077-2 Tyco U61 SI32260 SI32260-C-GM2 Skyworks Solutions |