| データシートサーチシステム |
|
LCR1210-R100F データシート(PDF) 45 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
LCR1210-R100F データシート(HTML) 45 Page - Skyworks Solutions Inc. |
|
45 / 59 page ![]() Si32260/1 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 45 Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021 8. Ordering Guide Table 19. Si32260/61 Ordering Guide1 P/N Description Package Type Package Size Number of pins Max VBAT Temperature Si32260-C-FM1 Dual wideband FXS, tracking or shared dc-dc LGA2 8x8mm 60 –110V 0 to 70 °C Si32260-C-GM1 Dual wideband FXS, tracking or shared dc-dc LGA2 8x8 mm 60 –110 V –40 to 85 °C Si32261-C-FM1 Dual wideband FXS, tracking or shared dc-dc LGA2 8x8 mm 60 –140 V 0 to 70 °C Si32261-C-GM1 Dual wideband FXS, tracking or shared dc-dc LGA2 8x8 mm 60 –140 V –40 to 85 °C Si32260-C-FM2 Dual wideband FXS, tracking dc-dc LGA2 6x8mm 47 –110V 0 to 70 °C Si32260-C-GM2 Dual wideband FXS, tracking dc-dc LGA2 6x8 mm 47 –110 V –40 to 85 °C Si32261-C-FM2 Dual wideband FXS, tracking dc-dc LGA2 6x8 mm 47 –140 V 0 to 70 °C Si32261-C-GM2 Dual wideband FXS, tracking dc-dc LGA2 6x8 mm 47 –140 V –40 to 85 °C Notes: 1. Adding the suffix "R" to the part number (e.g., Si32260-C-FM1R) denotes tape and reel. 2. LGA - Land Grid Array. |