データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C5C5EDELTA-RM/D データシート(PDF) 70 Page - NXP Semiconductors

部品番号 C5C5EDELTA-RM/D
部品情報  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5C5EDELTA-RM/D データシート(HTML) 70 Page - NXP Semiconductors

Back Button C5C5EDELTA-RM/D Datasheet HTML 66Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 67Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 68Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 69Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 70Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 71Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 72Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 73Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 114 page
background image
70
CHAPTER 2: SIGNAL DESCRIPTIONS
C3EN
Boundary Scan
Description Language
In order to simplify board test, Motorola Corporation has provided a boundary scan
description language (BSDL) file (c3e.bsdl) in the Motorola web site that describes the
complete set of instructions, boundary scan order, and identification code value in an
industry standard format.
http://www.motorola.com/networkprocessors
Bypass
Bypass Register
1110
Bypass
Bypass Register
1111
* There are two reserved instructions intended for Motorola Corporation’s internal
use. These should not be programmed by users.
Table 31 Instruction Register Instructions (continued)
INSTRUCTION MNEMONIC SELECTED REGISTER
INSTRUCTION OPCODE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More